PART |
Description |
Maker |
8485A 8485D Q8486D W8486A R8486A Q8486A R8486D E44 |
8485A Power Sensor, 50 MHz to 26.5 GHz 8485D Diode Power Sensor, 50 MHz to 26.5 GHz Q8486D Waveguide Power Sensor, 33 GHz to 50 GHz W8486A Waveguide Power Sensor, 75 GHz to 110 GHz R8486A Thermocouple Waveguide Power Sensor, 26.5 GHz to 40 GHz Q8486A Thermocouple Waveguide Power Sensor, 33 GHz to 50 GHz R8486D Waveguide Power Sensor, 26.5 GHz to 40 GHz E4412A Wide Dynamic Range Power Sensor, E-Series E4413A Wide Dynamic Range Power Sensor, E-Series V8486A V-band Power Sensor, 50 GHz to 75 GHz 8482B High-Power Sensor, 100 kHz to 4.2 GHz, 25W 8487A Power Sensor, 50 MHz to 50 GHz 8482H Power Sensor, 100 kHz to 4.2 GHz, 3 W 8481D Diode Power Sensor, 10 MHz to 18 GHz
|
Agilent (Hewlett-Packard)
|
THS117 |
MAGNETIC FIELD SENSOR-HALL EFFECT HALL SENSOR GaAs ION IMPLANTED PLANAR TYPE HIGH STABILITY CONTROL DIGITAL TACHOMETER CRANK SHAFR POSITION SENSOR
|
TOSHIBA
|
CY7C63000A-SC CY7C63100A-SC CY7C63000A-PC CY7C6310 |
SENSOR AMP 100PSI GAU .5-4.5 OUT SENSOR AMP 30PSI DIFF .5-4.5 OUT 8-BIT, OTPROM, 12 MHz, RISC MICROCONTROLLER, PDIP20 Universal Serial Bus Microcontroller 通用串行总线控制 SENSOR BIDIR DIGITAL 3PSI 5 H2O
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
MPXS4100A6U MPXS4100A6T1 MPXS4100A |
INTEGRATED PRESSURE SENSOR 集成压力传感 INTEGRATED PRESSURE SENSOR ABSOLUTE, PEIZORESISTIVE PRESSURE SENSOR, 2.9-15.22Psi, 1.8%, 0.30-4.95V, RECTANGULAR, SURFACE MOUNT
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
MK03-1C90C-1000W09 |
MK Reed Sensor PROXIMITY SENSOR-PHOTOELECTRIC, CYLINDRICAL, PANEL MOUNT
|
MEDER ELECTRONIC AG
|
APS-12D-1-02-TR8 |
Surface - Mount Digital Ambient Light Sensor with Proximity Sensor
|
Everlight Electronics Co., Ltd
|
BC141-6 BC140-6 Q60202-C230-S2 Q60202-C719 Q60203- |
NPN SILICON TRANSISTORS NPN硅三极管 Photoelectric Sensor; Sensor Input Type:Fiber-Optic; Sensor Output:NPN; Switch Terminals:Connector; Leaded Process Compatible:No; Output Type:Transistor; Peak Reflow Compatible (260 C):No; Contact Current Max:150mA Photoelectric Sensor; Sensor Input Type:Fiber-Optic; Sensor Output:PNP; Switch Terminals:Connector; Leaded Process Compatible:No; Output Type:Transistor; Peak Reflow Compatible (260 C):No; Sensor Housing:Rectangular
|
TE Connectivity, Ltd. SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
OZDK14P1901/S35A |
POSITION, LINEAR SENSOR-DIFFUSE, 20-300mm, 100mA, RECTANGULAR, BOARD MOUNT THROUGH BEAM SENSOR
|
ITT, Corp.
|
AHF21 AHF23 AHF22 |
SMALL, HIGHLY RELIABLE TIP SENSOR CONTAINING A PHOTO SENSOR
|
Panasonic Semiconductor
|
ISL29015IROZ-EVALZ ISL29015IROZ-T7 ISL29015 |
Integrated Digital Ambient Light Sensor and Proximity Sensor
|
Intersil Corporation
|
BH1771GLC-E2 |
1 Chip Optical Proximity Sensor Ambient Light Sensor IC
|
Rohm
|
NOA3301 NOA3301CUTAG |
Digital Proximity Sensor with Ambient Light Sensor and Interrupt
|
ON Semiconductor
|